Part Number Hot Search : 
74HCT37 FP6191PM MAX11 HC173 9C036 D4SBL40 AX145 ADL5201
Product Description
Full Text Search
 

To Download P2300GLRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  teccor ? brand protection thyristors axial leaded www.littelfuse.com ?2006 littelfuse do-15 series (a/b rated) specifcations are subject to change without notice. 1 telecom design guide do-15 series (a/b rated) sidactor ? device this do-15 plastic package provides a through-hole version of the sidactor? device. this axial leaded device is ideal for customer premises equipment (cpe) such as telephones, answering machines, modems, fax interfaces. the do-15 package series can also be used for overvoltage protection for applications such as t1/e1/j1 trunk cards when the appropriate overcurrent protection is included. electrical characteristics description features protection solution to meet ? rohs compliant ? bidirectional transient voltage protection ? axial lead through-hole component ? teccor brand sidactor technology part number _ = a or b marking _ = a or b v drm @l drm =5a v s @100v/s i h i s i t v t @i t =1 amp capacitance @1mhz, 2v bias volts volts mamps mamps amps volts pf min max min max max max min max p1100g_lrp p11_ 90 130 150 800 1.0 5 30 60 p1300g_lrp p13_ 120 160 150 800 1.0 5 25 40 p1500g_lrp p15_ 140 180 150 800 1.0 5 25 40 p1800g_lrp p18_ 170 220 150 800 1.0 5 25 40 p2300g_lrp p23_ 190 260 150 800 1.0 5 25 30 p2600g_lrp p26_ 220 300 150 800 1.0 5 25 30 p3100g_lrp p31_ 275 350 150 800 1.0 5 20 30 p3500g_lrp p35_ 320 400 150 800 1.0 5 20 30 ? yd/t 950 ? yd/t 993 ? yd/t 1082 ? gr 1089 intra-building ? iec 61000-4-5 ? itu k.20/21 basic level ? tia-968-a ? all measurements are made at an ambient temperature of 25c. ? listed sidactor devices are bidirectional. all electrical parameters and surge ratings apply to forward and reverse polarities. agency approvals agency agency file number e133083
teccor ? brand protection thyristors axial leaded www.littelfuse.com ?2006 littelfuse do-15 series (a/b rated) specifcations are subject to change without notice.  telecom design guide series i pp 10x1000 s 10x560 s amps amps min min a 45 b 80 100 ? i pp applies to -40c through +85c temperature range. ? i pp is a repetitive surge rating and is guaranteed for the life of the product. surge ratings t r x t d pulse waveform v-i characteristics i h i t i s i drm v drm v t +v -v +i -i v s 50 100 0 t r t d 0 peak va lu e half v alue t ? t ime (s) i pp ? peak pulse current ? %i pp t r = rise time to peak value t d = decay time to half valu e w aveform = t r x t d -8 -40 -20 0 2 0 4 0 6 0 8 0 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction t emperature (t j ) ? ?c per cent of v s change ? % 25 ?c 0.4 -40 -20 0 2 0 4 0 6 0 8 0 100 120 140 160 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 case t emperature (t c ) ? ?c ratio of i h i h (t c = 25 ?c ) 25 ?c normalized v s change versus junction temperature normalized dc holding current versus case temperature
teccor ? brand protection thyristors axial leaded www.littelfuse.com ?2006 littelfuse do-15 series (a/b rated) specifcations are subject to change without notice.  telecom design guide refow condition pb C free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 190c - time (min to max) (t s ) 60 C 150 seconds average ramp up rate (liquidus temp (t l ) to peak) 5c/second max t s(max) to t l - ramp-up rate 5c/second max refow - temperature (t l ) (liquidus) 220c - time (min to max) (t s ) >60 C <150 seconds peak temperature (t p ) 250 +0/-5 c time within 5c of actual peak temperature (t p ) 20 C 40 seconds ramp-down rate 5c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c soldering parameters physical specifcations terminal material matte tin-plated axial leads lead solderability mil-std-750, method 2026 environmental specifcations operating/storage temperature -40 c to ~ +150c passive aging 125 c, 1000 hours meet spec humidity aging +85c, 85% r.h. 1000 hours meet spec thermal shock mil-std-202 method 107g +85c/-40c 100 times meet spec solvent resistance mil-std-202, method 215 no change vibration mil-std-883c, method 2007.1, condition a no change dimensions do-15 series [25.40 ] 1.00 0 [25.40 ] 1.00 0 mi n mi n dimensions in inches and (millimeters) [0.71 ] .02 8 .03 4 [0.86 ] [2.60 ] .10 4 .14 0 [3.56 ] [7.62 ] .30 0 .23 0 [5.80 ]
teccor ? brand protection thyristors axial leaded www.littelfuse.com ?2006 littelfuse do-15 series (a/b rated) specifcations are subject to change without notice.  telecom design guide fir st line: pr oduct name (see marking column in table on page 1) se cond line: lot numbe r xxxx xxxx part marking system part numbering system package type description packing quantity added suffix industry standard do-15 axial 5000 rp eia rs-296 packaging tape and reel specifcation symbol description inches mm a component spacing (lead to lead) 0.200 0.020 5.08 0.508 b tape spacing 2.062 0.059 52.37 1.498 c tape width 0.250 6.35 d max. off alignment 0.048 1.219 e reel dimension 13 330.2 f max hub recess 3 76.19 g max. abor hole 0.68 17.27 h reel dimension 2.75 69.85 construction va ri at ion 0 p : sing le sidactor chip used as a si ng le device pa cking st yle rp : reel pack per eia rs-296 surge i pp rating a 45amp 10x1000 s b : a : 80amp 10x1000 s pa ck ag e t ype g : do-15 l : rohs complian t device t ype : sidactor pxxx 0 l x rp medi an volt ag e xxx : xxx volt s g off center bo th side s (0.039" ) b overal l length c a e f g h labe l recess depth max 0.75? d off center bo th side s (0.039" ) b overal l length c a e f g h labe l recess depth max 0.75? d


▲Up To Search▲   

 
Price & Availability of P2300GLRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X